| データシートサーチシステム |
|
L6364 データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6364 データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 60 page ![]() 9.2.1 Example setting Table 25 shows examples to illustrate the correct register settings for M2CNT, OD1 and OD2 for different combinations of PREOPERATE and OPERATE M-sequences. Table 25. Example M2CNT, OD1 and OD2 registers setting 1 PREOPERATE:TYPE_1_2 Master read MC CKT Device reply OD OD CKS Master write MC CKT OD OD Device reply CKS OPERATE:TYPE_2_1 Master read MC CKT Device reply OD PD CKS Master write MC CKT OD Device reply PD CKS M2CNT=2 2 bytes OD => OD1 = 01B 1 byte OD => OD2 = 00B 2 PREOPERATE:TYPE_0 Master read MC CKT Device reply OD CKS Master write MC CKT OD Device reply CKS OPERATE:TYPE_2_4 Master read MC CKT PD PD Device reply OD CKS Master write MC CKT PD PD OD Device reply CKS M2CNT=4 1 byte OD fixed for TYPE_0, OD1 = don't care 1 byte OD => OD2 = 00B 3 PREOPERATE:TYPE_1_V Master read MC CKT Device reply OD OD OD OD OD OD OD OD CKS Master write MC CKT OD OD OD OD OD OD OD OD Device reply CKS OPERATE:TYPE_2_V Master read MC CKT PD PD PD Device reply OD OD CKS Master write MC CKT PD PD PD OD OD Device reply PD CKS M2CNT=5 8 byte OD, OD1 = 10B 2 byte OD => OD2 = 01B PD L6364 M-sequence interpretation DS13363 - Rev 4 page 26/60 |