データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6364 データシート(PDF) 41 Page - STMicroelectronics

部品番号 L6364
部品情報  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 データシート(HTML) 41 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 37Page - STMicroelectronics L6364 Datasheet HTML 38Page - STMicroelectronics L6364 Datasheet HTML 39Page - STMicroelectronics L6364 Datasheet HTML 40Page - STMicroelectronics L6364 Datasheet HTML 41Page - STMicroelectronics L6364 Datasheet HTML 42Page - STMicroelectronics L6364 Datasheet HTML 43Page - STMicroelectronics L6364 Datasheet HTML 44Page - STMicroelectronics L6364 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
19
Power dissipation
Figure 18 shows an example how to estimate the device junction temperatures based on the dissipation of
the regulator and switches. Since the thermal performance in the final application is dependant on a number
of factors (e.g. PCB design, power dissipation of neighbouring components, ambient temperature, air flow. bump-
pitch etc), the thermal package properties provided in the figure below should only serve as a guideline.
cc
Figure 18. Example of thermal power dissipation estimation
The maximum average power consumption per channel (CQ or DIO) in short-circuit is:
ISAT(MAX) × VVPLUS(MAX)× tSHORT × NRETRY / tRESTART = 13.4 mW
In case of inductive load, the power dissipation (assuming no internal losses in the inductor itself) is :
P= 12 fSW ×L × I2 ,
where fSW is the switching frequency, L the load inductance and I the operating current. The design of the
application hardware (heat-sink capability) should take account of this heating.
L6364
Power dissipation
DS13363 - Rev 4
page 41/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60