データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6364 データシート(PDF) 33 Page - STMicroelectronics

部品番号 L6364
部品情報  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 データシート(HTML) 33 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 29Page - STMicroelectronics L6364 Datasheet HTML 30Page - STMicroelectronics L6364 Datasheet HTML 31Page - STMicroelectronics L6364 Datasheet HTML 32Page - STMicroelectronics L6364 Datasheet HTML 33Page - STMicroelectronics L6364 Datasheet HTML 34Page - STMicroelectronics L6364 Datasheet HTML 35Page - STMicroelectronics L6364 Datasheet HTML 36Page - STMicroelectronics L6364 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
14
Temperature measurement
The measured temperature in Celsius can be read from the L6364 from the TEMP:TEMP[6:0] register. The
temperature is given as shown in Figure 11.
Figure 11. L6364 temperature measurement
0
10
20
30
40
50
60
70
80
90
100
110
-40
0
40
80
120
160
200
240
280
TEMPERATURE (°C)
θ=(80-TEMP : TEMP[6:0])*2.7
L6364
Temperature measurement
DS13363 - Rev 4
page 33/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60