データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25R3916B-AQWT データシート(PDF) 49 Page - STMicroelectronics

部品番号 ST25R3916B-AQWT
部品情報  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B-AQWT データシート(HTML) 49 Page - STMicroelectronics

Back Button ST25R3916B-AQWT Datasheet HTML 45Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 46Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 47Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 48Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 49Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 50Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 51Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 52Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 165 page
background image
DS13541 Rev 7
49/165
ST25R3916B ST25R3917B
Application information
164
4.3
Communication with an external microcontroller
The ST25R3916B and ST25R3917B communicate with a microcontroller either via an SPI
interface or via an I2C interface. On both interfaces the ST25R3916B and ST25R3917B act
as slave devices, relying on the microcontroller to initiate all communication. To notify the
microcontroller of completed commands or external events (e.g. peer device field on) the
ST25R3916B and ST25R3917B signal an interrupt on the IRQ pin. The ST25R3916B and
ST25R3917B can also provide a configurable clock signal to the microcontroller on the
MCU_CLK pin.
4.3.1
Interrupt interface
There are four interrupt registers implemented in the ST25R3916B and ST25R3917B:
Main interrupt register
Timer and NFC interrupt register
Error and wake-up interrupt register
Passive target interrupt register
When an interrupt condition is met the source of interrupt bit is set and the IRQ pin
transitions to high. The microcontroller then reads the Main interrupt register to distinguish
between different interrupt sources. After a particular interrupt register is read, its content is
reset to 0.
The IRQ pin transitions to low after the interrupt bit(s) that caused its transition to high has
(have) been read.
Note:
There may be more than one interrupt bit set if the microcontroller does not immediately
read the interrupt registers after the IRQ signal is set and another event causing an interrupt
occurs. In this case the IRQ pin transitions to low after the last bit causing interrupt is read.
When not using the INT pin, do not read the interrupt status before I_rxs while FIFO count is
still zero (fifo_b equals 00).
If an interrupt from a certain source is not required it can be disabled by setting the
corresponding bit in the Mask interrupt registers. In case of masking a certain interrupt
source the IRQ line is not set high, but the interrupt status bit is still set in IRQ status
registers.
Reading the IRQ status registers presents and clears also the masked interrupt bits.
If some interrupts are masked, and set to 1 because of an IRQ event, and later on one of
them unmasks the IRQ status bit that is already set, the IRQ line is immediately set to high.
This notifies the host system that there are some interrupt events not yet read out.
Note:
It's recommended to implement a timeout on I_rxe to recover from corrupted frames when
I_rxe is not signaled.
Table 10. IRQ output
Name
Signal
Level
Description
IRQ
Digital output
CMOS
Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com