データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25R3916B-AQWT データシート(PDF) 86 Page - STMicroelectronics

部品番号 ST25R3916B-AQWT
部品情報  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B-AQWT データシート(HTML) 86 Page - STMicroelectronics

Back Button ST25R3916B-AQWT Datasheet HTML 82Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 83Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 84Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 85Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 86Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 87Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 88Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 89Page - STMicroelectronics ST25R3916B-AQWT Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 165 page
background image
Application information
ST25R3916B ST25R3917B
86/165
DS13541 Rev 7
4.5.13
Subcarrier start timer register
Register space: B
Address: 06h
Type: RW
Table 39. Subcarrier start timer register
Bit
Name
Default
Function
Comments
7:5
RFU
0
-
-
4:0
sst<4:0>
0
Subcarrier start time
Step: 0.25 etu
Range: 0 etu to 7.75 etu
Applies to ISO-B, 106 kb/s.
If the time from the end of the MRT timer to the
detection of a subcarrier is shorter than sst<4:0>,
then a soft error interrupt is generated.
If emd_emv = 1 the frame will be suppressed as
EMD and a restart interrupt will be generated.
Note that corr_s3 defines the length of subcarrier
start detection and affects the correct sst<4:0>
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com