| データシートサーチシステム |
|
RA4E2 データシート(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 データシート(HTML) 36 Page - Renesas Technology Corp |
|
36 / 90 page ![]() Oscillator IRQ Internal reset (low is valid) Reset exception handling start Deep Software Standby mode Deep Software Standby reset (low is valid) tDSBY tDSBYWT Figure 2.15 Deep Software Standby mode cancellation timing tSNZ IRQ ICLK (to DTC, SRAM)*1 PCLK ICLK (except DTC, SRAM) Oscillator Software Standby mode Snooze mode Note 1. When SNZCR.SNZDTCEN bit is set to 1, ICLK is supplied to DTC and SRAM. Figure 2.16 Recovery timing from Software Standby mode to Snooze mode 2.3.5 NMI and IRQ Noise Filter Table 2.21 NMI and IRQ noise filter Parameter Symbol Min Typ Max Unit Test conditions NMI pulse width tNMIW 200 — — ns NMI digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 — — tPcyc × 2 > 200 ns 200 — — NMI digital filter enabled tNMICK × 3 ≤ 200 ns tNMICK × 3.5*2 — — tNMICK × 3 > 200 ns IRQ pulse width tIRQW 200 — — ns IRQ digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 — — tPcyc × 2 > 200 ns 200 — — IRQ digital filter enabled tIRQCK × 3 ≤ 200 ns tIRQCK × 3.5*3 — — tIRQCK × 3 > 200 ns RA4E2 Datasheet 2. Electrical Characteristics R01DS0413EJ0110 Rev.1.10 Feb 28, 2023 Page 36 of 90 |