| データシートサーチシステム |
|
RA4E2 データシート(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E2 データシート(HTML) 60 Page - Renesas Technology Corp |
|
60 / 90 page ![]() T C9 C8 C1 D7 D6 D1 Repeated START(Sr) STOP(P) = High Speed Active Push-Pull Drive STOP(P) Repeated START(Sr) SDA MST-SDA SLV-SDA SCL 0.3 × VDD 0.7 × VDD 0.3 × VDD 0.7 × VDD 0.3 × VDD 0.7 × VDD 0.3 × VDD 0.7 × VDD 0.3 × VDD 0.7 × VDD 0.3 × VDD 0.7 × VDD tCBSr TCASr tSCO tSCO C9 SDA SCL = Active Drive by Master or Slave = Open-Drain class Pull-Up by master = High-Z by Master = High-Z by Slave Figure 2.50 T-bit when master ends read with repeated START and STOP RA4E2 Datasheet 2. Electrical Characteristics R01DS0413EJ0110 Rev.1.10 Feb 28, 2023 Page 60 of 90 |