データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMPB20XPEAX データシート(PDF) 3 Page - Nexperia B.V. All rights reserved

部品番号 PMPB20XPEAX
部品情報  20 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB20XPEAX データシート(HTML) 3 Page - Nexperia B.V. All rights reserved

  PMPB20XPEAX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
PMPB20XPEA
20 V, P-channel Trench MOSFET
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-12
12
V
VGS = -4.5 V; Tamb = 25 °C
[1]
-
-7.2
A
ID
drain current
VGS = -4.5 V; Tamb = 100 °C
[1]
-
-4.5
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-30
A
Tamb = 25 °C
[1]
-
1.7
W
Ptot
total power dissipation
Tsp = 25 °C
-
12.5
W
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
-1.9
A
ESD maximum rating
VESD
electrostatic discharge
voltage
HBM
[2]
-
2000
V
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche
energy
Tj(init) = 25 °C; ID = -2.1 A; DUT in
avalanche (unclamped)
-
22.1
mJ
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.
[2] Measured between all pins.
PMPB20XPEA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
27 March 2018
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com