データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMPB20XPEAX データシート(PDF) 6 Page - Nexperia B.V. All rights reserved

部品番号 PMPB20XPEAX
部品情報  20 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB20XPEAX データシート(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PMPB20XPEAX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Nexperia
PMPB20XPEA
20 V, P-channel Trench MOSFET
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = -250 µA; VGS = 0 V; Tj = 25 °C
-20
-
-
V
VGSth
gate-source threshold
voltage
ID = -250 µA; VDS = VGS; Tj = 25 °C
-0.4
-0.7
-1
V
IDSS
drain leakage current
VDS = -20 V; VGS = 0 V; Tj = 25 °C
-
-
-1
µA
VGS = -8 V; VDS = 0 V; Tj = 25 °C
-
-
-10
µA
IGSS
gate leakage current
VGS = 8 V; VDS = 0 V; Tj = 25 °C
-
-
10
µA
VGS = -4.5 V; ID = -7.2 A; Tj = 25 °C
-
19
23.5
VGS = -4.5 V; ID = -7.2 A; Tj = 150 °C
-
27
33
VGS = -2.5 V; ID = -6.4 A; Tj = 25 °C
-
22
29
RDSon
drain-source on-state
resistance
VGS = -1.8 V; ID = -3.7 A; Tj = 25 °C
-
28
39
gfs
forward
transconductance
VDS = -10 V; ID = -7.2 A; Tj = 25 °C
-
50
-
S
RG
gate resistance
f = 1 MHz
-
5.2
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
-
30
45
nC
QGS
gate-source charge
-
4.1
-
nC
QGD
gate-drain charge
VDS = -10 V; ID = -7.2 A; VGS = -4.5 V;
Tj = 25 °C
-
7.1
-
nC
Ciss
input capacitance
-
2945
-
pF
Coss
output capacitance
-
245
-
pF
Crss
reverse transfer
capacitance
VDS = -10 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
210
-
pF
td(on)
turn-on delay time
-
13
-
ns
tr
rise time
-
60
-
ns
td(off)
turn-off delay time
-
92
-
ns
tf
fall time
VDS = -10 V; ID = -7.2 A; VGS = -4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
50
-
ns
Source-drain diode
VSD
source-drain voltage
IS = -1.9 A; VGS = 0 V; Tj = 25 °C
-
-0.7
-1.2
V
trr
reverse recovery time
-
31
-
ns
Qr
recovered charge
IS = -1.9 A; dIS/dt = 100 A/µs;
VGS = 0 V; VDS = -10 V; Tj = 25 °C
-
20
-
nC
PMPB20XPEA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
27 March 2018
6 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com