データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMPB20XPEAX データシート(PDF) 10 Page - Nexperia B.V. All rights reserved

部品番号 PMPB20XPEAX
部品情報  20 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB20XPEAX データシート(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PMPB20XPEAX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Nexperia
PMPB20XPEA
20 V, P-channel Trench MOSFET
11. Test information
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 17. Duty cycle definition
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
12. Package outline
12-04-30
Dimensions in mm
1.1
1.3
1.9
2.1
1.9
2.1
1.0
1.2
3
2
1
4
5
6
0.51
0.61
0.2
0.3
0.65
0.25
0.35
0.2
0.3
Fig. 18. Package outline DFN2020MD-6 (SOT1220)
PMPB20XPEA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
27 March 2018
10 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com