データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMPB20XPEAX データシート(PDF) 4 Page - Nexperia B.V. All rights reserved

部品番号 PMPB20XPEAX
部品情報  20 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB20XPEAX データシート(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMPB20XPEAX Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
PMPB20XPEA
20 V, P-channel Trench MOSFET
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 2. Normalized continuous drain current as a
function of junction temperature
017aaa875
-1
-10-1
-10
-102
ID
(A)
-10-2
VDS (V)
-10-2
-102
-10
-10-1
-1
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
tp = 10 µs
tp = 100 µs
tp = 1 ms
tp = 10 ms
DC; Tsp = 25 °C
tp = 100 ms
Limit RDSon = VDS/ID
IDM = single pulse
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
PMPB20XPEA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
27 March 2018
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com