データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMPB20XPEAX データシート(PDF) 8 Page - Nexperia B.V. All rights reserved

部品番号 PMPB20XPEAX
部品情報  20 V, P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB20XPEAX データシート(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PMPB20XPEAX Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMPB20XPEAX Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
PMPB20XPEA
20 V, P-channel Trench MOSFET
VGS (V)
0
-2.0
-1.5
-0.5
-1.0
017aaa880
-16
-20
-12
-8
-4
-24
-28
ID
(A)
0
Tj = 150 °C
Tj = 25 °C
VDS > ID × RDSon
Fig. 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
017aaa881
1.0
1.2
0.8
1.4
1.6
a
0.6
Fig. 11. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values
Tj (°C)
-60
180
120
0
60
aaa-028287
-0.8
-0.4
-1.2
-1.6
VGS(th)
(V)
0
min
typ
max
ID = -250 µA; VDS = VGS
Fig. 12. Gate-source threshold voltage as a function of
junction temperature
017aaa883
VDS (V)
-10-1
-102
-10
-1
103
104
C
(pF)
102
Ciss
Coss
Crss
f = 1 MHz; VGS = 0 V
Fig. 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
PMPB20XPEA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
27 March 2018
8 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com