| データシートサーチシステム |
|
UPD17062 データシート(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 データシート(HTML) 33 Page - Renesas Technology Corp |
|
33 / 298 page ![]() 31 µPD17062 5.1.1 Structure of the System Register (SYSREG) The system register consists of 12 nibbles, located at addresses 74H to 7FH in data memory. The system register is allocated regardless of the bank. That is, the system register is always located at addresses 74H to 7FH, regardless of the bank. Fig. 5-2 shows the structure. Fig. 5-2 Structure of the System Register 5.1.2 Structure of the Data Buffer (DBF) The data buffer consists of four nibbles located at addresses 0CH to 0FH of BANK0 in data memory. Fig. 5-3 shows the structure. Fig. 5-3 Structure of the Data Buffer 74H 75H 76H 77H 78H 79H 7AH 7BH 7CH 7DH 7EH 7FH Address Program status word (PSWORD) System register (SYSREG) Register (symbol) Address register (AR) Window register (WR) Bank register (BANK) Index register (IX) Data memory row address pointer (MP) General-purpose register pointer (RP) 0CH DBF3 0DH DBF2 0EH DBF1 0FH DBF0 Data buffer (DBF) Address Symbol |