| データシートサーチシステム |
|
UPD17062 データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 298 page ![]() 47 µPD17062 Fig. 6-5 Execution of the Above Example Also, note the following when the general-purpose register is being used. No arithmetic/logical instructions are provided for the general-purpose register and immediate data. That is, the execution of an arithmetic/ logical instruction that involves data memory allocated as the general-purpose register and immediate data requires that the data memory be treated as data memory rather than the general-purpose register. 0 1 2 3 45 6 789 A B C D E F 0 2 3 4 5 6 7 1 RP BANK0 RP = 0000010B LD 04H, 32H System register Column address General-purpose register |