| データシートサーチシステム |
|
UPD17062 データシート(PDF) 71 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 データシート(HTML) 71 Page - Renesas Technology Corp |
|
71 / 298 page ![]() 69 µPD17062 Fig. 9-1 Configuration of Control Register (2/2) 89 A B C D E F S I O 0 C H S B S I O 0 M S S I O 0 T X B T M 0 C K 0 0 I N T V S Y N I N T N C R/W R/W 0 I E G V S Y N I E G N C B T M 0 Z X R S B A C K S I O 0 N W T S I O 0 W R Q 1 S I O 0 W R Q 0 R/W R/W S I O 0 S F 8 S I O 0 S F 9 S B S T T S B B S Y I P N C R R/W 0 S I O 0 I M D 0 0 S I O 0 I M D 1 00 S I O 0 C K 1 S I O 0 C K 0 I R Q S I O 0 I R Q N C R/W R/W R Serial I/O0 mode select register Timer 0 clock select register Interrupt- level judge register Serial I/O0 wait control register Interrupt edge selection register Serial I/O0 status judge register Interrupt enable register Serial I/O0 interrupt mode register Serial I/O0 clock select register Interrupt request register B T M 0 C K 1 B T M 0 C K 2 0 0 I P V S Y N I P B T M 0 I R Q B T M 0 I R Q V S Y N I P S I O 0 |