| データシートサーチシステム |
|
UPD17062 データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 298 page ![]() 7 µPD17062 8.5 INDEX REGISTER (IX) AND DATA MEMORY ROW ADDRESS POINTER (MP) ...................... 57 8.6 GENERAL-PURPOSE REGISTER POINTER (RP) .......................................................................... 66 8.7 PROGRAM STATUS WORD (PSWORD) ...................................................................................... 66 9. REGISTER FILE (RF) ................................................................................................................... 67 9.1 IDCDMAEN (00H, b1) ...................................................................................................................... 75 9.2 SP (01H) ........................................................................................................................................... 75 9.3 CE (07H, b0) ..................................................................................................................................... 76 9.4 SERIAL INTERFACE MODE REGISTER (08H) .............................................................................. 76 9.5 BTM0MD (09H) ............................................................................................................................... 77 9.6 INTVSYN (0FH, b2) ......................................................................................................................... 77 9.7 INTNC (0FH, b0) .............................................................................................................................. 78 9.8 HORIZONTAL SYNCHRONIZING SIGNAL COUNTER CONTROL (11H, 12H) .......................... 78 9.9 PLL REFERENCE MODE SELECTION REGISTER (13H) .............................................................. 79 9.10 SETTING OF INTNC PIN ACCEPTANCE PULSE WIDTH (15H) .................................................. 79 9.11 TIMER CARRY (17H) ....................................................................................................................... 80 9.12 SERIAL INTERFACE WAIT CONTROL (18H) ................................................................................ 80 9.13 IEGNC (1FH) .................................................................................................................................... 80 9.14 A/D CONVERTOR CONTROL (21H) .............................................................................................. 81 9.15 PLL UNLOCK FLIP-FLOP JUDGE REGISTER (22H) ..................................................................... 81 9.16 PORT1C I/O SETTING (27H) .......................................................................................................... 82 9.17 SERIAL I/O0 STATUS REGISTER (28H) ....................................................................................... 82 9.18 INTERRUPT PERMISSION FLAG (2FH) ........................................................................................ 83 9.19 CROM BANK SELECTION (30H) ................................................................................................... 83 9.20 IDCEN (31H) .................................................................................................................................... 84 9.21 PLL UNLOCK FLIP-FLOP DELAY CONTROL REGISTER (32H) .................................................. 84 9.22 P1BBIOn (35H) ................................................................................................................................85 9.23 P0BBIOn (36H) ................................................................................................................................85 9.24 P0ABIOn (37H) ................................................................................................................................86 9.25 SETTING OF INTERRUPT REQUEST GENERATION TIMING IN SERIAL INTERFACE MODE (38H) ................................................................................................. 86 9.26 SHIFT CLOCK FREQUENCY SETTING (39H) ............................................................................... 87 9.27 IRQNC (3FH) .................................................................................................................................... 87 10. DATA BUFFER (DBF) .................................................................................................................. 88 10.1 DATA BUFFER STRUCTURE ......................................................................................................... 88 10.2 FUNCTIONS OF DATA BUFFER .................................................................................................... 90 10.3 DATA BUFFER AND TABLE REFERENCING ................................................................................ 91 10.4 DATA BUFFER AND PERIPHERAL HARDWARE ......................................................................... 93 10.5 DATA BUFFER AND PERIPHERAL REGISTERS .......................................................................... 97 10.6 PRECAUTIONS WHEN USING DATA BUFFERS ......................................................................... 104 11. INTERRUPT ................................................................................................................................. 106 11.1 INTERRUPT BLOCK CONFIGURATION ........................................................................................ 106 11.2 INTERRUPT FUNCTION ................................................................................................................. 108 11.3 INTERRUPT ACCEPTANCE ............................................................................................................ 111 11.4 OPERATIONS AFTER INTERRUPT ACCEPTANCE ...................................................................... 116 |