データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD17062 データシート(PDF) 15 Page - Renesas Technology Corp

部品番号 UPD17062
部品情報  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 データシート(HTML) 15 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 11Page - Renesas Technology Corp UPD17062 Datasheet HTML 12Page - Renesas Technology Corp UPD17062 Datasheet HTML 13Page - Renesas Technology Corp UPD17062 Datasheet HTML 14Page - Renesas Technology Corp UPD17062 Datasheet HTML 15Page - Renesas Technology Corp UPD17062 Datasheet HTML 16Page - Renesas Technology Corp UPD17062 Datasheet HTML 17Page - Renesas Technology Corp UPD17062 Datasheet HTML 18Page - Renesas Technology Corp UPD17062 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 298 page
background image
13
µPD17062
Pin No.
DIP QFP
(GC)
Symbol
Description
Output type
At power-on reset
INTNC
NC
48
—
55
5
6
7
8
10
12
14
22
25
37
39
40
41
42
44
56
57
Interrupt input. Contains the noise canceler. An
interrupt can be generated at either the rising or
falling edge of the input signal.
No connection. The pins are not connected to the
internal circuit of the device. They can be used as
desired.
—
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More