| データシートサーチシステム |
|
UPD17062 データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 298 page ![]() 8 µPD17062 11.5 RETURNING CONTROL FROM INTERRUPT PROCESSING ROUTINE ..................................... 116 11.6 INTERRUPT PROCESSING ROUTINE ........................................................................................... 117 11.7 EXTERNAL INTERRUPTS (INTNC PIN, VSYNC PIN) ....................................................................... 121 11.8 INTERNAL INTERRUPT (TIMER, SERIAL INTERFACE) .............................................................. 123 11.9 MULTIPLE INTERRUPTS ................................................................................................................ 124 12. TIMER .......................................................................................................................................... 133 12.1 TIMER CONFIGURATION .............................................................................................................. 133 12.2 TIMER FUNCTIONS ........................................................................................................................ 134 12.3 TIMER CARRY FLIP-FLOP (TIMER CARRY FF) ............................................................................ 136 12.4 CAUTIONS IN USING THE TIMER CARRY FF ............................................................................. 141 12.5 TIMER INTERRUPT ......................................................................................................................... 147 12.6 CAUTIONS IN USING THE TIMER INTERRUPT .......................................................................... 151 13. STANDBY .................................................................................................................................... 153 13.1 STANDBY BLOCK CONFIGURATION ........................................................................................... 153 13.2 STANDBY FUNCTION .................................................................................................................... 154 13.3 DEVICE OPERATION MODE SPECIFIED AT THE CE PIN ........................................................... 155 13.4 HALT FUNCTION ............................................................................................................................ 156 13.5 CLOCK STOP FUNCTION ............................................................................................................... 164 13.6 OPERATION OF THE DEVICE AT A HALT OR CLOCK STOP .................................................... 167 14. RESET .......................................................................................................................................... 171 14.1 RESET BLOCK CONFIGURATION ................................................................................................. 171 14.2 RESET FUNCTION .......................................................................................................................... 172 14.3 CE RESET ......................................................................................................................................... 173 14.4 POWER-ON RESET ......................................................................................................................... 177 14.5 RELATIONSHIP BETWEEN CE RESET AND POWER-ON RESET .............................................. 180 14.6 POWER FAILURE DETECTION ...................................................................................................... 184 15. GENERAL-PURPOSE PORT ....................................................................................................... 189 15.1 CONFIGURATION AND CLASSIFICATION OF GENERAL-PURPOSE PORT ............................ 189 15.2 FUNCTIONS OF GENERAL-PURPOSE PORTS ............................................................................ 191 15.3 GENERAL-PURPOSE I/O PORTS (P0A, P0B, P1B, P1C) ............................................................. 194 15.4 GENERAL-PURPOSE INPUT PORT (P0D) .................................................................................... 198 15.5 GENERAL-PURPOSE OUTPUT PORTS (P0C, P1A) ..................................................................... 199 16. SERIAL INTERFACE .................................................................................................................... 201 16.1 SERIAL INTERFACE MODE REGISTER ........................................................................................ 201 16.2 CLOCK COUNTER ........................................................................................................................... 206 16.3 STATUS REGISTER ........................................................................................................................ 207 16.4 WAIT REGISTER ............................................................................................................................. 209 16.5 PRESETTABLE SHIFT REGISTER (PSR) ....................................................................................... 214 16.6 SERIAL INTERFACE INTERRUPT SOURCE REGISTER (SIO0IMD) ........................................... 215 16.7 SHIFT CLOCK FREQUENCY REGISTER (SIO0CK) ....................................................................... 216 |