| データシートサーチシステム |
|
UPD17062 データシート(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 データシート(HTML) 90 Page - Renesas Technology Corp |
|
90 / 298 page ![]() 88 µPD17062 10. DATA BUFFER (DBF) The data buffer is used to transfer data to and from peripheral hardware and to reference tables. 10.1 DATA BUFFER STRUCTURE 10.1.1 Mapping of Data Buffer to Data Memory Fig. 10-1 shows how the data buffer is mapped to data memory. As shown in Fig. 10-1, the data buffer is allocated to addresses 0CH to 0FH of data memory BANK0 and consists of 16 bits in a 4-word × 4-bit configuration. Because the data buffer is mapped to data memory, it can be operated by data memory instructions. Fig. 10-1 Data Buffer Map 0 123 45 6 789 A B C D E F Data buffer Data memory BANK0 BANK1 BANK2 System register 7 7 0 1 2 3 4 5 6 7 Column address |