データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 11 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 11 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 7Page - SMSC Corporation EMC1002 Datasheet HTML 8Page - SMSC Corporation EMC1002 Datasheet HTML 9Page - SMSC Corporation EMC1002 Datasheet HTML 10Page - SMSC Corporation EMC1002 Datasheet HTML 11Page - SMSC Corporation EMC1002 Datasheet HTML 12Page - SMSC Corporation EMC1002 Datasheet HTML 13Page - SMSC Corporation EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1002
11
Revision 1.3 (03-24-06)
DATASHEET
Note 4.1
Data in Binary Format reads 0000 0000 000 for all temperatures
≤ 0.00°C.
Note 4.2
Data in Offset Binary Format reads 0000 0000 000 for all temperatures
≤ -64
°C.
Note 4.3
Data in Binary Format reads 0111 1111 000 for all temperatures
≥ +127°C.
Note 4.4
Data in Offset Binary Format reads 1111 1111 000 for all temperatures
≥ +191
°C.
The 11-bit temperature data is stored with the 8 most significant bits stored in the High Byte register
and the 3 least significant bits in the Low Byte register. The Low Byte register contains the three least
significant bits as outlined in Table 4.2. These bits are stored in the upper three bits of the register,
and the five LSB positions of this register always read zero. In Table 4.2, the upper case “B” shows
the bit position of a 16-bit word created by concatenating the High Byte and Low Byte, and the lower
case “b” shows the bit position in the 11-bit temperature data. The resolution of the internal temperature
is 0.5
°C and the b1 and b0 bits of the Internal Temperature Value Low Byte register will always read 0.
4.5
ALERT/THERM2 Output
The ALERT/THERM2 output asserts if an out of limit measurement is detected as described in 4.12,
"Limit Registers," on page 15. The ALERT/THERM2 pin is an open drain output and requires a pull-up
resistor to VDD.The ALERT/THERM2 pin can be used as an SMBALERT#, or may be configured as a
second THERM output.
As described in the SMBus specification, an SMBus slave may inform the SMBus master that it wants
to talk by asserting the SMBALERT# signal. One or more ALERT outputs can be hardwired together
as a wired-or bus to a common input.
Table 4.1 Temperature Data Format
ACTUAL TEMP.
(
°C)
DEFAULT RANGE
BINARY
EXTENDED RANGE
OFFSET BINARY
-63
0000 0000 000 Note 4.1
0000 0001 000 Note 4.2
-0.125
0000 0000 000 Note 4.1
0011 1111 111
0
0000 0000 000 Note 4.1
0100 0000 000
+0.125
0000 0000 001
0100 0000 001
+0.250
0000 0000 010
0100 0000 010
+1
0000 0001 000
0100 0001 000
+127
0111 1111 000 Note 4.3
1011 1110 000
+128
0111 1111 000 Note 4.3
1011 1111 000
+190
0111 1111 000 Note 4.3
1111 1110 000
+191
0111 1111 000 Note 4.3
1111 1111 000 Note 4.4
Table 4.2 Bit Position of Two Byte Values
HIGH BYTE
LOW BYTE
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com