データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 18 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 18 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation EMC1002 Datasheet HTML 17Page - SMSC Corporation EMC1002 Datasheet HTML 18Page - SMSC Corporation EMC1002 Datasheet HTML 19Page - SMSC Corporation EMC1002 Datasheet HTML 20Page - SMSC Corporation EMC1002 Datasheet HTML 21Page - SMSC Corporation EMC1002 Datasheet HTML 22Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
Revision 1.3 (03-24-06)
18
SMSC EMC1002
DATASHEET
Chapter 5 Application Information
This chapter provides information on maintaining accuracy when using diodes as remote sensors with
SMSC Environmental Monitoring and Control devices. It is assumed that the users have some
familiarity with hardware design and transistor characteristics.
SMSC supplies a family Environmental Monitoring and Control (EMC) devices that are capable of
accurately measuring temperatures. Most devices include an internal temperature sensor along with
the ability to measure one or more external sensors. The characteristics of an appropriate diode for
use as the external sensor are listed in this chapter. Recommendations for the printed circuit board
layout are provided to help reduce error caused by electrical noise or trace resistance.
5.1
Maintaining Accuracy
5.1.1
Physical Factors
Temperature measurement is performed by measuring the change in forward bias voltage of a diode
when different currents are forced through the junction. The circuit board itself can impact the ability
to accurately measure these small changes in voltage.
5.1.1.1
Layout
Apply the following guidelines when designing the printed circuit board:
1. Route the remote diode traces on the top layer.
2. Place a ground guard signal on both sides of the differential pair. This guard band should be
connected to the ground plane at least every 0.25 inches.
3. Place a ground plane on the layer immediately below the diode traces.
4. Keep the diode traces as short as possible.
5. Keep the diode traces parallel, and the length of the two traces identical within 0.3 inches.
6. Use a trace width of 0.01 inches with a 0.01 inch guard band on each side.
7. Keep the diode traces away from sources of high frequency noise such as power supply filtering
or high speed digital signals.
8. When the diode traces must cross high speed digital signals, make them cross at a 90 degree
angle.
9. Avoid joints of copper to solder that can introduce thermocouple effects.
These recommendations are illustrated in Figure 5.1 Routing the Diode Traces on page 18.
Figure 5.1 Routing the Diode Traces
COPPER TRACE
COPPER TRACE
.01 WIDE MIN.
.01 GAP MIN.
.01 WIDE MIN.
GND PLANE
.01 GAP MIN.
GND PLANE
.01 GAP MIN.
COPPER PLANE (TO SHIELD FROM NOISE)
BOARD MATERIAL
RECOMMEND VIA STICTCHING AT .25 INCH INTERVALS.
DP or DN
DP or DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com