データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 16 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 16 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 12Page - SMSC Corporation EMC1002 Datasheet HTML 13Page - SMSC Corporation EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation EMC1002 Datasheet HTML 17Page - SMSC Corporation EMC1002 Datasheet HTML 18Page - SMSC Corporation EMC1002 Datasheet HTML 19Page - SMSC Corporation EMC1002 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
Revision 1.3 (03-24-06)
16
SMSC EMC1002
DATASHEET
the Configuration Register. The user is required to update the limit registers to the new format when
changing between measurement data formats.
The user can configure high and low temperature limits and an independent THERM limit. The
temperature high limit (TH) is an 11-bit value that is set by the Temperature High Limit High Byte
register and the Temperature High Limit Low Byte register. The Temperature High Limit Low Byte
register contains the three least significant bits as shown in Table 4.2 on page 11.
The temperature low limit (TL) is an 11-bit value that is set by the Temperature Low Limit High Byte
register and the Temperature Low Limit Low Byte register as shown in Table 4.2 on page 11.
The limits are automatically compared to the temperature measurement results (TM) and have been
exceeded if (TM ≤ TL or TM > TH). If either limit is exceeded then the appropriate bit is set high in the
status register and the ALERT/THERM2 output will respond as described in Section 4.5 on page 11.
The THERM limit (TTH) is a single byte value set by the THERM Limit register. Exceeding the THERM
limit asserts the ADDR/THERM signal as described in Section 4.6 on page 12. When the
ALERT
/THERM2 pin is configured as THERM2, then exceeding the high limit asserts this pin.
4.13
THERM Hysteresis Register
The THERM hysteresis register holds a hysteresis value that impacts the de-assertion of THERM as
shown in Figure 4.4 on page 12. It defaults to 10
°C and can be set by the user at any time after power
up. When the ALERT/THERM2 pin is configured as THERM2, then the output will not de-assert until the
temperature drops below the Temperature High Limit minus the THERM Hysteresis value.
4.14
One-Shot Register
Writing to the one-shot register while in standby mode initiates a conversion and comparison cycle.
The EMC1002 will execute a temperature measurement, compare the data to the limit registers and
return to the standby mode. A write to the one-shot register will be ignored if it occurs while the
EMC1002 is in run mode.
4.15
Scratchpad Registers
The scratchpad registers may be used to verify SMBus communications. These registers do not have
any affect on the operation of the device, and may be written and read via the SMBus.
4.16
Ideality Factor Register
The ideality factor registers are used to program the remote diode ideality factor into the EMC1002 so
that this error source can be eliminated. The default ideality factor is 1.008 and has a value of
XX010010b or 12h.
Table 4.7 Diode Ideality Factor Values
DIODE
IDEALITY
FACTOR
VALUE
DIODE
IDEALITY
FACTOR
VALUE
DIODE
IDEALITY
FACTOR
VALUE
DIODE
IDEALITY
FACTOR
VALUE
0.9850
XX00 0000
1.0054
XX01 0000
1.0267
XX10 0000
1.0489
XX11 0000
0.9862
XX00 0001
1.0067
XX01 0001
1.0280
XX10 0001
1.0503
XX11 0001
0.9875
XX00 0010
1.0080
XX01 0010
1.0294
XX10 0010
1.0517
XX11 0010
0.9888
XX00 0011
1.0093
XX01 0011
1.0308
XX10 0011
1.0531
XX11 0011
0.9900
XX00 0100
1.0106
XX01 0100
1.0321
XX10 0100
1.0546
XX11 0100
0.9913
XX00 0101
1.0119
XX01 0101
1.0335
XX10 0101
1.0560
XX11 0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com