データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 12 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 12 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 8Page - SMSC Corporation EMC1002 Datasheet HTML 9Page - SMSC Corporation EMC1002 Datasheet HTML 10Page - SMSC Corporation EMC1002 Datasheet HTML 11Page - SMSC Corporation EMC1002 Datasheet HTML 12Page - SMSC Corporation EMC1002 Datasheet HTML 13Page - SMSC Corporation EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
Revision 1.3 (03-24-06)
12
SMSC EMC1002
DATASHEET
The ALERT/THERM2 pin de-asserts when the EMC1002 responds to an alert response address
(ARA=0001 100) sent by the host if the out of limit condition no longer exists, but it does not reset if
the error condition remains. The ALERT/THERM2 pin can be masked so that it will not assert in the
event of an out of limit temperature measurement, except when it is configured as a second THERM
pin.
Figure 4.3 ALERT/THERM2 Response to Temperature Limits Exceeded
The ALERT/THERM2 pin can be configured as a second THERM pin that asserts when the temperature
measurement exceeds the Temperature High Limit value. In this mode, the output will not de-assert
until the temperature drops below the Temperature High Limit minus the THERM Hysteresis value.
4.6
ADDR/THERM Output
The ADDR/THERM output asserts if the temperature measurement exceeds the programmable THERM
limit. It can be used to drive a fan or other fail-safe devices. The ADDR/THERM pin is open drain and
requires a pull-up resistor to VDD. For the EMC1002-2, the value of this pull-up resistor determines the
slave address per Table 1.2 on page 3. The ADDR/THERM pin cannot be masked. Do not exceed 100pf
capacitance total on this pin.
When the ADDR/THERM pin is asserted, it will not de-assert until the temperature drops below the
THERM limit minus the THERM hysteresis value.
Figure 4.4 ADDR/THERM Output Response to Temperature Limit Exceeded
Temp
Time
Temperature High Limit
Temperature Low Limit
ALERT/THERM2
Logic High
Logic
Level
SMBus ARA
Temp
Time
THERM Limit
THERM Limit - THERM Hysterisis
THERM
THERM
Hysteresis
Logic High
Logic
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com