データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 17 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 17 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 13Page - SMSC Corporation EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation EMC1002 Datasheet HTML 17Page - SMSC Corporation EMC1002 Datasheet HTML 18Page - SMSC Corporation EMC1002 Datasheet HTML 19Page - SMSC Corporation EMC1002 Datasheet HTML 20Page - SMSC Corporation EMC1002 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1002
17
Revision 1.3 (03-24-06)
DATASHEET
4.17
Consecutive ALERT Register
Bit 7 of the Consecutive ALERT register enables the SMBus timeout feature when set to 1 (the default
setting is 0). When enabled, the SMBus will timeout after approximately 25ms of inactivity. Table 4.9
describes how bits 3-1 of the Consecutive ALERT register set how many consecutive error conditions
must occur for each temperature measurement zone before the ALERT/THERM2 signal is asserted.
These error conditions include diode faults and exceeding temperature limits. The default value is one
which means that any out-of-limit measurement or any diode fault will cause the ALERT/THERM2 pin
to be asserted. Any combination of bits 3-1 other than those shown will result in a value of one.
0.9925
XX00 0110
1.0133
XX01 0110
1.0349
XX10 0110
1.0574
XX11 0110
0.9938
XX00 0111
1.0146
XX01 0111
1.0363
XX10 0111
1.0589
XX11 0111
0.9951
XX00 1000
1.0159
XX01 1000
1.0377
XX10 1000
1.0603
XX11 1000
0.9964
XX00 1001
1.0173
XX01 1001
1.0391
XX10 1001
1.0618
XX11 1001
0.9976
XX00 1010
1.0186
XX01 1010
1.0404
XX10 1010
1.0632
XX11 1010
0.9989
XX00 1011
1.0199
XX01 1011
1.0418
XX10 1011
1.0647
XX11 1011
1.0002
XX00 1100
1.0213
XX01 1100
1.0432
XX10 1100
1.0661
XX11 1100
1.0015
XX00 1101
1.0226
XX01 1101
1.0446
XX10 1101
1.0676
XX11 1101
1.0028
XX00 1110
1.0240
XX01 1110
1.0460
XX10 1110
1.0690
XX11 1110
1.0041
XX00 1111
1.0253
XX01 1111
1.0475
XX10 1111
1.0705
XX11 1111
Table 4.8 Consecutive ALERT Register
BIT
NAME
FUNCTION
DEFAULT
7
SMBTE
0 = SMBus timeout disabled
1 = SMBus timeout enabled
0
6-4
Reserved
0
3-1
ALERTNUM
See Table 4.9
0
0
Reserved
0
Table 4.9 Consecutive ALERT Value
NUMBER OF EVENTS REQUIRED
VALUE
b3
b2
b1
1
000
2
001
3
011
4
111
Table 4.7 Diode Ideality Factor Values (continued)
DIODE
IDEALITY
FACTOR
VALUE
DIODE
IDEALITY
FACTOR
VALUE
DIODE
IDEALITY
FACTOR
VALUE
DIODE
IDEALITY
FACTOR
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com