データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 14 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 14 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 10Page - SMSC Corporation EMC1002 Datasheet HTML 11Page - SMSC Corporation EMC1002 Datasheet HTML 12Page - SMSC Corporation EMC1002 Datasheet HTML 13Page - SMSC Corporation EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation EMC1002 Datasheet HTML 17Page - SMSC Corporation EMC1002 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
Revision 1.3 (03-24-06)
14
SMSC EMC1002
DATASHEET
interlock mechanism requires that the high byte register always be read prior to reading the low byte
register.
4.9
Status Register
The status register is a read only register that stores the operational status of the part.
Bit 7 indicates that the ADC is busy converting a value. Bits 6 and 5 indicate that the internal
temperature is above or below its high or low limits respectively. Likewise, bits 4 and 3 indicate that
remote temperature is above or below its limits. See 4.12, "Limit Registers," on page 15 for detail on
the limits are compared. Bit 2 indicates that an open circuit on the remote diode anode connection has
been detected. Bits 1 and 0 indicate that the remote temperature or the internal temperature has
exceeded their respective THERM limits. If bits 1 or 0 go high the ADDR/THERM signal will be asserted.
When the status register is read, bits 2 through 6 will individually clear provided that the error condition
for that bit no longer exists. The ALERT/THERM2 output is latched and will not be reset until the host
has responded to the SMBALERT# with an alert response address. The ALERT/THERM2 signal will not
reset if the status register has not been cleared.
4.10
Configuration Register
The configuration register controls the functionality of the temperature measurements.
Table 4.4 Status Register
STATUS REGISTER
BIT
NAME
FUNCTION
7
Busy
1 when ADC is converting
6
LHIGH
1 when Internal Temperature High Limit is exceeded
5
LLOW
1 when Internal Temperature Low Limit is exceeded
4
R1HIGH
1 when Remote Temperature High Limit is exceeded
3
R1LOW
1 when Remote Temperature Low Limit is exceeded
2
FAULT
1 when Remote is open circuit
1
R1THRM
1 when Remote THERM Limit is exceeded
0
LTHRM
1 when Internal THERM Limit is exceeded
Table 4.5 Configuration Register
CONFIGURATION REGISTER
BIT
NAME
FUNCTION
DEFAULT
7
MASK1
0 = ALERT enabled
1 = ALERT disabled
0
6
RUN/STOP
0 = Active mode (continuously running)
1 = Standby mode
0
5
ALERT
or THERM2
0 = ALERT
1 = THERM2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com