データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1002 データシート(PDF) 19 Page - SMSC Corporation

部品番号 EMC1002
部品情報  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 データシート(HTML) 19 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation EMC1002 Datasheet HTML 17Page - SMSC Corporation EMC1002 Datasheet HTML 18Page - SMSC Corporation EMC1002 Datasheet HTML 19Page - SMSC Corporation EMC1002 Datasheet HTML 20Page - SMSC Corporation EMC1002 Datasheet HTML 21Page - SMSC Corporation EMC1002 Datasheet HTML 22Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1002
19
Revision 1.3 (03-24-06)
DATASHEET
5.1.1.2
Bypass Capacitors
Accurate temperature measurements require a clean, stable power supply. Locate a 0.1µF capacitor
as close as possible to the power pin with a good ground. A low ESR capacitor (such as a 10µF
ceramic) should be placed across the power source. Add additional power supply filtering in systems
that have a noisy power supply.
A capacitor may be placed across the DP/DN pair at the remote sensor in noisy environments. Do not
exceed a value of 2.2nF if this capacitor is installed.
5.1.1.3
Manufacturing
Circuit board assembly processes may leave a residue on the board. This residue can result in
unexpected leakage currents that may introduce errors if the circuit board is not clean. For example,
processes that use water-soluble soldering fluxes have been known to cause problems if the board is
not kept clean.
5.1.1.4
Thermal Considerations
Keep the sensor in good thermal contact with the component to be measured. The temperature of the
leads of a discrete diode will greatly impact the temperature of the diode junction. Make use of the
printed circuit board to disperse any self-heating that may occur.
5.1.1.5
Remote Sensors Connected by Cables
When connecting remote diodes with a cable (instead of traces on the PCB) use shielded twisted pair
cable. The shield should be attached to ground near the EMC1002, and should be left unconnected
at the sensor end. Belden 8451 cable is a good choice for this application.
5.1.2
Sensor Characteristics
The characteristics of the diode junction used for temperature sensing will affect the accuracy of the
measurement.
5.1.2.1
Selecting a Sensor
A diode connected small signal transistor is recommended. Silicon diodes are not a good choice for
remote sensors. Small signal transistors such as the 2N3904 or the 2N3906 are recommended. Select
a transistor with a constant value of hFE in the range of 2.5 to 220 microamps. The magnitude of hFE
is not critical, and the variation in hFE from one device to another cancels out of the temperature
equations.
5.1.2.2
Compensating for Ideality of the diode
The remote diode may have an ideality factor based on the manufacturing process. Inaccuracy in the
temperature measurement resulting from this ideality factor may be eliminated by configuring the
ideality factor register. The EMC1002 is trimmed to an ideality factor of 1.008.
5.1.2.3
Circuit Connections
The more negative terminal for the remote temperature diode, DN, is internally biased with a forward
diode voltage. Terminal DN is not referenced to ground. Remote temperature diodes can be
constructed as shown in Figure 5.2 Remote Temperature Diode Examples on page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com