| データシートサーチシステム |
|
AD4080BBCZ データシート(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4080BBCZ データシート(HTML) 5 Page - Analog Devices |
|
5 / 95 page ![]() Data Sheet AD4080 SPECIFICATIONS analog.com Rev. 0 | 5 of 95 Table 1. Specifications (Continued) Parameter Test Conditions/Comments Min Typ Max Unit POWER SUPPLIES VDD33 3.135 3.30 3.465 V VDDLDO 1.4 2.7 V VDD11 Applied externally, LDO disabled 1.045 1.10 1.155 V IOVDD Applied externally, LDO disabled 1.045 1.10 1.26 V Operating Current LVDS_CNV_EN = 0 Static Converter and interface idle, FIFO disabled VDD33 5.4 7 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 15.3 23 mA IOVDD 5.2 6 mA VDDLDO VDD11 LDO enabled 21.5 26.5 mA Dynamic DC input signal VDD33 15.7 18 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 23.2 32 mA IOVDD 6 7.5 mA VDDLDO VDD11 LDO enabled 29.8 35.5 mA Dynamic −0.5 dBFS sine-wave input signal VDD33 14.2 16 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 23.2 32 mA IOVDD 6.3 7.5 mA VDDLDO VDD11 LDO enabled 30.2 35.5 mA Standby Mode VDD33 1.4 1.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 12 5.5 mA IOVDD 2.6 3.5 mA VDDLDO VDD11 LDO enabled 1.8 5 mA Sleep Mode VDD33 0.6 0.9 mA VDDLDO VDD11 LDO disabled 0 0.02 mA VDD11 1.2 5.5 mA IOVDD 2.6 3.5 mA VDDLDO VDD11 LDO enabled 1.5 4.5 mA Power Dissipation Static VDD11 LDO disabled 40.4 58.4 mW Dynamic DC input signal 83.9 108.8 mW Dynamic −0.5 dBFS sine-wave input signal 79.3 101.9 mW Standby Mode VDD11 LDO disabled 10.6 19.5 mW Sleep Mode VDD11 LDO disabled 6.2 13.9 mW TEMPERATURE RANGE Specified Performance TMIN to TMAX −40 +85 °C |