| データシートサーチシステム |
|
DP83867CS データシート(PDF) 119 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83867CS データシート(HTML) 119 Page - Texas Instruments |
|
119 / 129 page ![]() • Added table note explaining how Duty Cycle % must be interpreted in Section 6.10 ..................................... 12 • Added table note explaining how Duty Cycle % must be interpreted in Section 6.10 ..................................... 12 • Added RGMII TX and RX Latency values in Section 6.10 .............................................................................. 12 • Changed suggestion to program '10M_SGMII_RATE_ADAPT' bit in Section 7.4.1.1 .....................................24 • Changed statement about PHY address in Section 7.4.2 ............................................................................... 27 • Deleted mentions of pin strapping to configure Auto-MDIX in Section 7.4.3.9 ................................................33 • Added Figure 7-9 .............................................................................................................................................33 • Deleted "The BIST allows full control of the packet lengths and of the IPG." from Section 7.4.5 ................... 35 • Deleted mention of ALCD from Section 7.4.6 ..................................................................................................35 • Deleted subsection describing ALCD from Section 7.4.6 ................................................................................35 • Added sentence about the polarity of MDI signals in Section 7.4.6.5 ............................................................. 36 • Changed note after Table 7-6 to be a table note referenced within the table. .................................................38 • Changed 'MMD3_PCS_CTRL' address to 'MMD3' register 0x0000 in Section 7.5.5.5 ...................................44 • Deleted mention of MMD7 in Section 7.5.5.5 ..................................................................................................44 • Added definition for register Bit Name type 'Strap' in Section 7.6 ................................................................... 45 • Deleted Advanced Link Cable Diagnostics Control Register (ALCD_CTRL) .................................................. 45 • Added PAP package default for '1000BASE-T FULL DUPLEX' in Section 7.6.10 .......................................... 55 • Changed 'SGMII_EN' default in Section 7.6.14 ...............................................................................................58 • Changed 'MDI_CROSSOVER' default in Section 7.6.14 ................................................................................ 58 • Added PAP package default for 'SPEED_OPT_EN' in Section 7.6.18 ............................................................65 • Added Section 7.6.28 ...................................................................................................................................... 74 • Changed descriptions of bits 'FORCE_DROP' and 'FLD_EN' in Section 7.6.29 .............................................75 • Added Section 7.6.30 ...................................................................................................................................... 76 • Added 'INT_TST_MODE_1' to Section 7.6.31 ................................................................................................ 76 • Changed 'PORT_MIRROR_EN' default in Section 7.6.31 ...............................................................................76 • Added PAP package default for 'RGMII_EN' in Section 7.6.32 ....................................................................... 76 • Added Section 7.6.36 ...................................................................................................................................... 79 • Changed description of 'STRAP_FLD' from "Fast Link Detect" to "Fast Link Drop" in Section 7.6.39 ............81 • Added Section 7.6.42 ...................................................................................................................................... 82 • Added Section 7.6.43 ...................................................................................................................................... 82 • Changed 'RGMII_TX_DELAY_CTRL' default value in Section 7.6.45 ............................................................ 83 • Changed 'RGMII_RX_DELAY_CTRL' default value in Section 7.6.45 ............................................................ 83 • Added Section 7.6.52 ...................................................................................................................................... 85 • Added Section 7.6.57 ...................................................................................................................................... 86 • Changed description of '10M_SGMIII_RATE_ADAPT' in Section 7.6.103 ......................................................94 • Added GPIO_MUX_CTRL register for RGZ devices........................................................................................96 • Added TDR registers 0x0190 to 0x01A4.......................................................................................................... 97 • Added TDR registers........................................................................................................................................ 97 • Added Section 7.6.130 .................................................................................................................................. 103 • Changed 'PCS_RESET' description in Section 7.6.131 ................................................................................ 103 • Changed capacitor value in Figure 8-2 and added footnotes.........................................................................105 • Added requirements for 2.5V clock source capacitors in Section 8.2.1.2 ..................................................... 107 • Added Figure 8-4 ...........................................................................................................................................107 • Added "RMS Jitter" to Table 8-2 ....................................................................................................................107 • Added Section 8.2.1.4 ................................................................................................................................... 109 • Changed capacitor placement in Figure 8-7 and footnote about decoupling capacitor placement................ 110 • Changed capacitor placement in Figure 8-8 and footnote about decoupling capacitor placement................ 110 Changes from Revision A (February 2017) to Revision B (March 2017) Page • Changed pin 6 name in the pinout diagram from: VDDA1P0 to: VDD1P0.........................................................3 • Changed INT / PWDN Interrupt description....................................................................................................... 4 • Changed RESERVED bit number from: 15:8 to: 15:9 ..................................................................................... 76 www.ti.com DP83867CS, DP83867IS, DP83867E SNLS504F – OCTOBER 2015 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 119 Product Folder Links: DP83867CS DP83867IS DP83867E |