データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRSP0016JC-B データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 PRSP0016JC-B
部品情報  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B データシート(HTML) 3 Page - Renesas Technology Corp

  PRSP0016JC-B Datasheet HTML 1Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 2Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 3Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 4Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 5Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 6Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 7Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 8Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 3 of 85
May 19, 2025
1.2
List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G16
Part No. R 5 F 1 2 1 6 C M x x x S P #50
Packaging specifications
#00, #20, #60: Tray (HWQFN)
#10, #70: Tray (LSSOP (10-pin), SSOP, LQFP)
#30: Tray (LSSOP (10-pin), SSOP, LQFP)
Tube (LSSOP (20-pin))
Note 1
#40: Embossed Tape (HWQFN)
#50: Embossed Tape (LSSOP, SSOP, LQFP)
#5F: Embossed Tape (TSSOP)
#9F: Tube (TSSOP)
ROM number (omitted for blank products)
Package type
FP:
32-pin, LQFP, 0.8-mm pitch
SP: 10-pin, LSSOP, 0.65-mm pitch
16-pin, SSOP, 0.65-mm pitch
20-pin, LSSOP, 0.65-mm pitch
NA: 16-pin, HWQFN, 0.5-mm pitch
24-pin, HWQFN, 0.5-mm pitch
32-pin, HWQFN, 0.5-mm pitch
SM: 20-pin, TSSOP, 0.65mm pitch
Fields of application
A: Consumer applications, TA = –40°C to +85°C
G: Industrial applications, TA = –40°C to +105°C
M: Industrial applications, TA = –40°C to +125°C
ROM capacity
A: 16 KB
C: 32 KB
Pin count
1: 10-pin
4: 16-pin
6: 20-pin
7: 24-pin
B: 32-pin
RL78/G16 group: 121
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor product
Note 1.
The packaging specification of the 20-pin LSSOP products is Tube.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com