データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRSP0016JC-B データシート(PDF) 13 Page - Renesas Technology Corp

部品番号 PRSP0016JC-B
部品情報  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B データシート(HTML) 13 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 9Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 10Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 11Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 12Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 13Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 14Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 15Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 16Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 13 of 85
May 19, 2025
Table 1-5. Multiplexed Functions of 24-pin Products (2/2)
Pin
No.
I/O
Analog
HMI
Timer
Communications Interface
24
P40
TOOL0
(PCLBUZ0)
—
—
INTP2
—
(TI01/TO01)
—
—
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses can be assigned via settings in the peripheral I/O redirection register (PIOR).
Refer to Figure 4-6 Format of Peripheral I/O Redirection Registers 0 to 6 (PIOR0 to PIOR6) in the
RL78/G16 User’s Manual.
Remark 3.
For the product in a QFN package, solder the exposed die pad onto a plated area of the PCB that has no
electrical connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85