データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRSP0016JC-B データシート(PDF) 57 Page - Renesas Technology Corp

部品番号 PRSP0016JC-B
部品情報  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B データシート(HTML) 57 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 53Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 54Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 55Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 56Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 57Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 58Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 59Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 60Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 57 of 85
May 19, 2025
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply
currentNote 1
IDD2Note 2
HALT mode
fIH = 16 MHzNote 4
VDD = 3.0 V, 5.0 V
385
824
µA
fIH = 4 MHzNote 4
VDD = 3.0 V, 5.0 V
334
637
µA
fEX = 16 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Square wave input
229
669
µA
fX = 12 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Resonator connection
351
960
µA
fMX = 4 MHzNote 5, Note 6
VDD = 3.0 V, 5.0 V
Square wave input
167
459
µA
Resonator connection
226
620
µA
fSUB = 32.768 kHzNote 8
TA =
−40°C
Square wave input
0.69
1.45
µA
Resonator connection
0.75
1.65
µA
fSUB = 32.768 kHzNote 8
TA = +25°C
Square wave input
0.75
1.45
µA
Resonator connection
1.04
1.65
µA
fSUB = 32.768 kHzNote 8
TA = +50°C
Square wave input
0.84
1.74
µA
Resonator connection
1.20
1.94
µA
fSUB = 32.768 kHzNote 8
TA = +70°C
Square wave input
0.97
2.20
µA
Resonator connection
1.33
2.40
µA
fSUB = 32.768 kHzNote 8
TA = +85°C
Square wave input
1.13
3.10
µA
Resonator connection
1.51
3.30
µA
fSUB = 32.768 kHzNote 8
TA = +105°C
Square wave input
1.58
8.92
µA
Resonator connection
1.99
9.12
µA
fSUB = 32.768 kHzNote 8
TA = +125°C
Square wave input
2.68
10.67
µA
Resonator connection
3.12
10.87
µA
IDD3Note 3
STOP modeNote 9
VDD = 3.0 V
TA = +105°C
0.62
4.12
µA
TA = +125°C
0.62
10.37
µA
Note 1.
The listed currents are the total currents flowing into VDD, including the input leakage currents flowing when
the level of the input pin is fixed to VDD or VSS.
Regarding the values for main system clock operation, the TYP. value does not include the peripheral
operating current. The MAX. value includes the peripheral operating current, but does not include those
flowing into the A/D converter, comparator, capacitive touch sensing unit (CTSU), I/O port, and on-chip pull-
up/pull-down resistors.
Regarding the values for subsystem clock operation, the TYP. and MAX. values do not include the peripheral
operating current. However, in HALT mode, the current flowing into the RTC is included.
Regarding the values in STOP mode, the TYP. and MAX. values do not include the peripheral operating
current.
Note 2.
When the HALT instruction is executed from the flash memory.
Note 3.
The listed currents do not include the current flowing into real-time clock 2, the clock output/buzzer output
controller, 12-bit interval timer, and watchdog timer.
Note 4.
When the high-speed system clock and subsystem clock are stopped.
Note 5.
When the high-speed on-chip oscillator and subsystem clock are stopped.
Note 6.
16-pin, 20-pin, 24-pin, and 32-pin products only.
Note 7.
When the high-speed on-chip oscillator and high-speed system clock are stopped. When AMPHS1 = 1 (ultra-
low power consumption oscillation). However, not including the current flowing into real-time clock 2, the 12-
bit interval timer, watchdog timer, and capacitive touch sensing unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com