データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRSP0016JC-B データシート(PDF) 72 Page - Renesas Technology Corp

部品番号 PRSP0016JC-B
部品情報  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B データシート(HTML) 72 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 68Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 69Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 70Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 71Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 72Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 73Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 74Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 75Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 72 of 85
May 19, 2025
3.7
RAM Data Retention Characteristics
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Data retention power supply voltage
VDDDR
1.9
5.5
V
Caution
Data in RAM is retained until the power supply voltage falls below the MIN. value of the data retention
power supply voltage (VDDDR). Note that data in the RESF register might not be cleared even if the
power supply voltage falls below the MIN. value of the data retention power supply voltage (VDDDR).
STOP mode
VDD
VDDDR
Rising of VSPOR
SPOR reset period
(Retain data in RAM and RESF)
Falling of VSPDR
STOP instruction
execution
Normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com