データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRSP0016JC-B データシート(PDF) 83 Page - Renesas Technology Corp

部品番号 PRSP0016JC-B
部品情報  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B データシート(HTML) 83 Page - Renesas Technology Corp

Back Button PRSP0016JC-B Datasheet HTML 77Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 78Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 79Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 80Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 81Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 82Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 83Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 84Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 85Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
RL78/G16
REVISION HISTORY
R01DS0431EJ0130
Rev.1.30
Page 83 of 85
May 19, 2025
REVISION HISTORY
RL78/G16 Datasheet
REVISION HISTORY
Description
Rev.
Date
Page
Summary
1.00
Apr 28, 2023
First edition issued
1.10
Aug 31, 2023
1. OUTLINE
p.1
1.1 Features: Features of the high-speed on-chip oscillator, modified
p.2
1.1 Features: Features of the capacitive touch sensing unit (CTSUb), modified
p.3
Figure 1-1. Part Number, Memory Size, and Package of RL78/G16: #06 and #07 were
added to the packaging specifications
p.4
Table 1-1. List of Ordering Part Numbers: Packaging Specifications, modified
p.5
1.3.1 10-pin products: The pin connection diagram of the 10-pin plastic LSSOP, modified
p.6 to p.8
1.3.2 16-pin products: The pin connection diagrams of the 16-pin plastic SSOP and the 16-
pin plastic HWQFN, modified. Remark 3, added.
p.9
1.3.3 20-pin products: The title of the 20-pin plastic LSSOP (4.4 × 6.5 mm, 0.65-mm pitch),
modified. The pin connection diagram, modified.
p.9, p.10
Table 1-4. Multiplexed Functions of 20-pin Products: The heading of Pin No., modified
p.11, p.13
1.3.4 24-pin products: The pin connection diagram of the 24-pin plastic HWQFN, modified.
Remark 3, added.
p.12, p.13
Table 1-5. Multiplexed Functions of 24-pin Products: The heading of Pin No., modified
p.14, p.15, p.17
1.3.5 32-pin products: The pin connection diagram of the 32-pin plastic HWQFN, added.
The pin connection diagram of the 32-pin plastic LQFP, modified. Remark 3, added.
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
p.26
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C): The description, modified.
Remark, added.
p.32
2.3.2 Supply current characteristics: The unit in the list (condition: fSUB = 32.768 kHz),
modified
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, T
A
= −40 to +125°C)
p.50
3 ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, T
A
= −40 to +125°C): Remark,
added
p.56, p.57
3.3.2 Supply current characteristics: The unit in the list (condition: fSUB = 32.768 kHz),
modified
1.20
Jan 31, 2024
1. OUTLINE
p.3
Figure 1-1. Part Number, Memory Size, and Package of RL78/G16: ROM number, added.
Packaging Specifications, modified
p.4
Table 1-1. List of Ordering Part Numbers: Packaging Specifications, modified
1.30
May 19, 2025 1. OUTLINE
p.2
1.1 Features: The mutual capacitance method of the capacitive touch sensing unit
(CTSUb), modified
p.3
Figure 1-1. Part Number, Memory Size, and Package of RL78/G16: Part No., packaging
specifications, package type, and Note 1, modified
p.4
Table 1-1. List of Ordering Part Numbers: TSSOP package, added
p.9, p.10
1.3.3 20-pin products: TSSOP, added
4. PACKAGE DRAWINGS
p.79
4.3 20-pin products: PTSP0020JI-A package drawing, added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com