データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRSP0016JC-B データシート(PDF) 4 Page - Renesas Technology Corp

部品番号 PRSP0016JC-B
部品情報  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0016JC-B データシート(HTML) 4 Page - Renesas Technology Corp

  PRSP0016JC-B Datasheet HTML 1Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 2Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 3Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 4Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 5Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 6Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 7Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 8Page - Renesas Technology Corp PRSP0016JC-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
RL78/G16
1. OUTLINE
R01DS0431EJ0130
Rev.1.30
Page 4 of 85
May 19, 2025
Table 1-1. List of Ordering Part Numbers
Pin count
Package
Fields of
Application
0
Ordering Part Number
RENESAS Code
Product Name
Packaging
Specifications
10 pins
10-pin plastic LSSOP
(4.4 × 3.6 mm, 0.65-mm pitch)
A
R5F1211CASP, R5F1211AASP
#10, #30,
#50, #70
PLSP0010JA-A
G
R5F1211CGSP, R5F1211AGSP
M
R5F1211CMSP, R5F1211AMSP
16 pins
16-pin plastic SSOP
(4.4 × 5.0 mm, 0.65-mm pitch)
A
R5F1214CASP, R5F1214AASP
#10, #30,
#50, #70
PRSP0016JC-B
G
R5F1214CGSP, R5F1214AGSP
M
R5F1214CMSP, R5F1214AMSP
16 pins
16-pin plastic HWQFN
(3 × 3 mm, 0.5-mm pitch)
A
R5F1214CANA, R5F1214AANA
#00, #20,
#40, #60
PWQN0016KD-A
G
R5F1214CGNA, R5F1214AGNA
M
R5F1214CMNA, R5F1214AMNA
20 pins
20-pin plastic LSSOP
(4.4 × 6.5 mm, 0.65-mm pitch)
A
R5F1216CASP, R5F1216AASP
#30, #50
PLSP0020JB-A
G
R5F1216CGSP, R5F1216AGSP
M
R5F1216CMSP, R5F1216AMSP
20 pins
20-pin plastic TSSOP
(4.4 × 6.5 mm, 0.65-mm pitch)
A
R5F1216CASM
#5F, #9F
PTSP0020JI-A
M
R5F1216CMSM
24 pins
24-pin plastic HWQFN
(4.0 × 4.0 mm, 0.5-mm pitch)
A
R5F1217CANA, R5F1217AANA
#00, #20,
#40, #60
PWQN0024KF-A
G
R5F1217CGNA, R5F1217AGNA
M
R5F1217CMNA, R5F1217AMNA
32 pins
32-pin plastic HWQFN
(5.0 × 5.0 mm, 0.5-mm pitch)
A
R5F121BCANA, R5F121BAANA
#00, #20,
#40, #60
PWQN0032KE-A
G
R5F121BCGNA, R5F121BAGNA
M
R5F121BCMNA, R5F121BAMNA
32 pins
32-pin plastic LQFP
(7.0 × 7.0 mm, 0.8-mm pitch)
A
R5F121BCAFP, R5F121BAAFP
#10, #30,
#50, #70
PLQP0032GB-A
G
R5F121BCGFP, R5F121BAGFP
M
R5F121BCMFP, R5F121BAMFP
Note 1.
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G16.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com