データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM88F758N データシート(PDF) 37 Page - ELAN Microelectronics Corp

部品番号 EM88F758N
部品情報  8-BIT Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM88F758N データシート(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM88F758N Datasheet HTML 33Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 34Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 35Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 36Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 37Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 38Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 39Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 40Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 190 page
background image
EM88F758N
8-Bit Microcontroller
Product Specification (V1.1) 03.25.2016
 27
(This specification is subject to change without prior notice)
Bit 0 (PWMADSF): Status flag of duty-matching for PWMA (Pulse Width Modulation).
Set when a selected duty is reached, reset by software.
NOTE
If a function is enabled, the corresponding status flag would be active whether the
interrupt mask is enabled or not.
6.1.19
Bank 0 R17: SFR4 (Status Flag Register 4)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P8ICSF
P7ICSF
P6ICSF
P5ICSF
SPISF
I2CSTPSF
I2CRSF
I2CTSF
F
F
F
F
F
F
F
F
Bit 7 (P8ICSF): Port 8 input status change status flag. Set when Port 8 input changes,
reset by software.
Bit 6 (P7ICSF): Port 7 input status change status flag. Set when Port 7 input changes,
reset by software.
Bit 5 (P6ICSF): Port 6 input status change status flag. Set when Port 6 input changes,
reset by software.
Bit 4 (P5ICSF): Port 5 input status change status flag. Set when Port 5 input changes,
reset by software.
Bit 3 (SPISF): SPI mode status flag. Flag cleared by software
Bit 2 (I2CSTPSF): I2C stop status flag. Set when I2C receive stop signal.
Bit 1 (I2CRSF): I2C receive status flag. Set when I2C receives 1 byte data and
responds to ACK signal. Reset by firmware or I2C disable.
Bit 0 (I2CTSF): I2C transmit status flag. Set when I2C transmits 1 byte data and
receives handshake signal (ACK or NACK). Reset by firmware or I2C
disable
NOTE
If a function is enabled, the corresponding status flag would be active whether the
interrupt mask is enabled or not.
6.1.20
Bank 0 R18: (Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com