データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM88F758N データシート(PDF) 58 Page - ELAN Microelectronics Corp

部品番号 EM88F758N
部品情報  8-BIT Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM88F758N データシート(HTML) 58 Page - ELAN Microelectronics Corp

Back Button EM88F758N Datasheet HTML 54Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 55Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 56Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 57Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 58Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 59Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 60Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 61Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 62Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 190 page
background image
EM88F758N
8-Bit Microcontroller
48
Product Specification (V1.1) 03.25.2016
(This specification is subject to change without prior notice)
6.1.55
Bank 0 R3E: ADCR1 (ADC Control Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CKR2
CKR1
CKR0
ADRUN
ADP
ADOM
SHS1
SHS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~5 (CKR2~0): Clock Rate Selection of ADC
System
Mode
CKR2~0
Clock
Rate
Max. System
Operation
Frequency in
1.8~2.2V
Max. System
Operation
Frequency in
2.2~2.7V
Max. System
Operation
Frequency in
2.7~5V
Normal
Mode
000
FMain/16
8 MHz
-
20 MHz
001
FMain/8
4 MHz
8 MHz
16 MHz
010
FMain/4
2 MHz
4 MHz
8 MHz
011
FMain/2
1 MHz
2 MHz
4 MHz
100
FMain/64
-
-
20 MHz
101
FMain/32
-
-
20 MHz
110
FMain/1
500 kHz
1 MHz
2 MHz
111
FSub
Fs
Fs
Fs
Green
Mode
xxx
FSub
Fs
Fs
Fs
NOTE
For the system operation frequency, it
’s a must to refer to Table 13 of Section 6.13.
Bit 4 (ADRUN): ADC Starts to Run
In single mode:
0: Reset on completion of the conversion by hardware, this bit cannot
be reset by software.
1: A/D conversion starts. This bit can be set by software
In continuous mode:
0: ADC is stopped.
1: ADC is running unless this bit is reset by software
Bit 3 (ADP): ADC Power
0: ADC is in power down mode.
1: ADC is operating normally.
Bit 2 (ADOM): ADC Operation Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com