データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM88F758N データシート(PDF) 42 Page - ELAN Microelectronics Corp

部品番号 EM88F758N
部品情報  8-BIT Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM88F758N データシート(HTML) 42 Page - ELAN Microelectronics Corp

Back Button EM88F758N Datasheet HTML 38Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 39Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 40Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 41Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 42Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 43Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 44Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 45Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 46Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 190 page
background image
EM88F758N
8-Bit Microcontroller
32
Product Specification (V1.1) 03.25.2016
(This specification is subject to change without prior notice)
6.1.28
Bank 0 R20: IMR6 (Interrupt Mask Register 6)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SHIE
-
-
-
TPCIE
-
TPERRIE
TPIE
R/W
0
0
0
R/W
0
R/W
R/W
Bit 7 (SHIE): SHSF Interrupt Enable Bit.
0: Disable SHSF interrupt
1: Enable SHSF interrupt
Bits 6~4: Not used, set to "0" all the time.
Bit 3 (TPCIE): TPCSF Interrupt Enable Bit.
0: Disable TPCSF interrupt
1: Enable TPCSF interrupt
Bit 2: Not used, set to "0" all the time.
Bit 1 (TPERRIE): TPSESF Interrupt Enable Bit.
0: Disable TPSESF interrupt
1: Enable TPSESF interrupt
Bit 0 (TPIE): TPIE Interrupt Enable Bit.
0: Disable TPSF interrupt
1: Enable TPSF interrupt
6.1.29
Bank 0 R21: WDTCR (Watchdog Timer Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WDTE
-
-
-
PSWE
WPSR2
WPSR1
WPSR0
R/W
0
0
0
R/W
R/W
R/W
R/W
Bit 7 (WDTE): Watchdog Timer Enable Bit. WDTE is both readable and writable.
0: Disable WDT
1: Enable WDT
Bits 6~4: Not used, set to "0" all the time.
Bit 3 (PSWE): Prescaler enable bit for WDT
0: Prescaler disable bit. WDT rate is 1:1
1: Prescaler enable bit. WDT rate is set at Bits 2~0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com