データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM88F758N データシート(PDF) 38 Page - ELAN Microelectronics Corp

部品番号 EM88F758N
部品情報  8-BIT Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM88F758N データシート(HTML) 38 Page - ELAN Microelectronics Corp

Back Button EM88F758N Datasheet HTML 34Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 35Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 36Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 37Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 38Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 39Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 40Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 41Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 42Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 190 page
background image
EM88F758N
8-Bit Microcontroller
28
Product Specification (V1.1) 03.25.2016
(This specification is subject to change without prior notice)
6.1.21
Bank 0 R19: SFR6 (Status Flag Register 6)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SHSF
-
-
-
TPCSF
TPSESF
-
TPSF
F
0
0
0
F
F
0
F
Bit 7 (SHSF): System hold status flag, Set when system hold occur, reset by software.
Bits 6~4: Not used, set to "0" all the time
Bit 3 (TPCSF): Touch Key Compare status flag. Set when Touch Key idle with scan
mode threshold compare conditions are fulfilled, reset by software.
Bit 2 (TPSESF): Touch Key Sense Error status flag. Set when Touch Key can’t finish
the conversion before timer get to the TPSTH/TPSTL register value,
reset by software.
Bit 1: Not used, set to "0" all the time
Bit 0 (TPSF): Status flag for Touch Key Conversion. Set when Touch Key conversion is
completed. Reset by software (except idle with scan mode condition)
6.1.22
Bank 0 R1A: (Reserved)
6.1.23
Bank 0 R1B: IMR1 (Interrupt Mask Register 1)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
LVDIE
ADIE
EXIE1
EXIE0
WTIE
TCIE
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Bits 7~6: Not used, set to "0" all the time.
Bit 5 (LVDIE): LVDSF interrupt enable bit.
0: Disable LVDSF interrupt
1: Enable LVDSF interrupt
Bit 4 (ADIE): ADSF interrupt enable bit.
0: Disable ADSF interrupt
1: Enable ADSF interrupt.
Bit 3 (EXIE1): EXSF1 interrupt enable and INT1 function enable bit.
0: P51/ADC1/INT1/TPA9 is P51/ADC1/TPA9 pin,
EXSF1 always equal to 0.
1: Enable EXSF1 Interrupt and P51/ADC1/INT1/TPA9 is INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com