データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM88F758N データシート(PDF) 77 Page - ELAN Microelectronics Corp

部品番号 EM88F758N
部品情報  8-BIT Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM88F758N データシート(HTML) 77 Page - ELAN Microelectronics Corp

Back Button EM88F758N Datasheet HTML 73Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 74Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 75Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 76Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 77Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 78Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 79Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 80Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 81Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 190 page
background image
EM88F758N
8-Bit Microcontroller
Product Specification (V1.1) 03.25.2016
 67
(This specification is subject to change without prior notice)
6.1.104 Bank 1 R46: TBPTH (Table Point High Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HLB
RDS
-
TB12
TB11
TB10
TB9
TB8
R/W
R/W
0
R/W
R/W
R/W
R/W
R/W
Bit 7 (HLB): Take high byte or low byte at machine code from ROM.
RDS
HLB
Read to Register Data Value Description
0
0
Read byte value is Bit 7~Bit 0 from machine code.
0
1
Read byte value is Highest bit fixed “0” and Bit 14~Bit 8 from
machine code.
Bit 6 (RDS): ROM data select bit, read machine code information select.
0: ROM data (Must be 0 all the time)
Bit 5: Not used, set to "0" all the time.
Bits 4 ~0 (TB12~TB8): Table Point Address Bits 12~8.
6.1.105 Bank 1 R47: STKMON (Stack Point)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STOV
-
-
-
STL3
STL2
STL1
STL0
R
0
0
0
R
R
R
R
Bit 7 (STOV): Stack pointer overflow indication bit. Only read.
Bits 3~0 (STL3~ STL 0): Stack pointer number. Only read.
6.1.106 Bank 1 R48: PCH (Program Counter High)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
-
-
PC12
PC11
PC10
PC9
PC8
0
0
0
R/W
R/W
R/W
R/W
R/W
Bits 7~5: Not used, set to "0" all the time.
Bits 4~0 (PC12~PC8): The high byte of program counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com