データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM88F758N データシート(PDF) 91 Page - ELAN Microelectronics Corp

部品番号 EM88F758N
部品情報  8-BIT Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EMC [ELAN Microelectronics Corp]
ホームページ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM88F758N データシート(HTML) 91 Page - ELAN Microelectronics Corp

Back Button EM88F758N Datasheet HTML 87Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 88Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 89Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 90Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 91Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 92Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 93Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 94Page - ELAN Microelectronics Corp EM88F758N Datasheet HTML 95Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 190 page
background image
EM88F758N
8-Bit Microcontroller
Product Specification (V1.1) 03.25.2016
 81
(This specification is subject to change without prior notice)
6.2
TCC/WDT and Prescaler
There are two 8-bit counters available as prescalers for the TCC and WDT respectively.
The TPSR0~ TPSR2 bits of the TCCCR register are used to determine the ratio of the
prescaler of TCC. Likewise, the WPSR0~WPSR2 bits of the WDTCR register are used
to determine the prescaler of WDT. The prescaler counter will be cleared by the
instructions each time they are written into TCC. The WDT and prescaler will be
cleared by the “WDTC” and “SLEP” instructions. Figure 6-4 depicts the circuit diagram
of TCC/WDT.
TCCD is an 8-bit timer/counter. The clock source of TCC can be internal clock or
external signal input (edge selectable from the TCC pin). If TCC signal source is from
internal clock, TCC will increase by 1 at every instruction cycle (without prescaler). If
TCC signal source is from external clock input, TCC will increase by 1 at every falling
edge or rising edge of the TCC pin. TCC pin input time length (keep in High or low level)
must greater than 1CLK.
If TCC signal source is from internal clock, the TCC will stop running when sleep
mode occurs.
If TCC signal source is from external clock, TCC will increase by 1 at every
falling edge or rising edge of the TCC pin when sleep mode occurs.
The watchdog timer is a free running on-chip RC oscillator. The WDT will keep on
running even after the oscillator driver has been turned off (i.e. in sleep mode). During
the normal operation or the sleep mode, a WDT time-out (if enabled) will cause the
device to reset. The WDT can be enabled or disabled at any time during the normal
mode by software programming. Refer to WDTE bit of WDTCR register. With no
prescaler, the WDT time-out period is approximately 16.5 ms
1 (one oscillator start-up
timer period).
1 Note: VDD=5V, WDT time-out period = 16.5ms ± 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com