| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 346 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 346 Page - Nordic Semiconductor |
|
346 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Disabled 0 Disable Enabled 1 Enable N RW CH3LIMITL Enable or disable interrupt for CH[3].LIMITL event See EVENTS_CH[3].LIMITL Disabled 0 Disable Enabled 1 Enable O RW CH4LIMITH Enable or disable interrupt for CH[4].LIMITH event See EVENTS_CH[4].LIMITH Disabled 0 Disable Enabled 1 Enable P RW CH4LIMITL Enable or disable interrupt for CH[4].LIMITL event See EVENTS_CH[4].LIMITL Disabled 0 Disable Enabled 1 Enable Q RW CH5LIMITH Enable or disable interrupt for CH[5].LIMITH event See EVENTS_CH[5].LIMITH Disabled 0 Disable Enabled 1 Enable R RW CH5LIMITL Enable or disable interrupt for CH[5].LIMITL event See EVENTS_CH[5].LIMITL Disabled 0 Disable Enabled 1 Enable S RW CH6LIMITH Enable or disable interrupt for CH[6].LIMITH event See EVENTS_CH[6].LIMITH Disabled 0 Disable Enabled 1 Enable T RW CH6LIMITL Enable or disable interrupt for CH[6].LIMITL event See EVENTS_CH[6].LIMITL Disabled 0 Disable Enabled 1 Enable U RW CH7LIMITH Enable or disable interrupt for CH[7].LIMITH event See EVENTS_CH[7].LIMITH Disabled 0 Disable Enabled 1 Enable V RW CH7LIMITL Enable or disable interrupt for CH[7].LIMITL event See EVENTS_CH[7].LIMITL Disabled 0 Disable Enabled 1 Enable 6.17.11.2 INTENSET Address offset: 0x304 Enable interrupt 4430_161 v1.0 346 |