| データシートサーチシステム |
|
NRF52810-QFAA-R データシート(PDF) 348 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R データシート(HTML) 348 Page - Nordic Semiconductor |
|
348 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW CH2LIMITH Write '1' to Enable interrupt for CH[2].LIMITH event See EVENTS_CH[2].LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW CH2LIMITL Write '1' to Enable interrupt for CH[2].LIMITL event See EVENTS_CH[2].LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M RW CH3LIMITH Write '1' to Enable interrupt for CH[3].LIMITH event See EVENTS_CH[3].LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled N RW CH3LIMITL Write '1' to Enable interrupt for CH[3].LIMITL event See EVENTS_CH[3].LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled O RW CH4LIMITH Write '1' to Enable interrupt for CH[4].LIMITH event See EVENTS_CH[4].LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled P RW CH4LIMITL Write '1' to Enable interrupt for CH[4].LIMITL event See EVENTS_CH[4].LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Q RW CH5LIMITH Write '1' to Enable interrupt for CH[5].LIMITH event See EVENTS_CH[5].LIMITH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled R RW CH5LIMITL Write '1' to Enable interrupt for CH[5].LIMITL event See EVENTS_CH[5].LIMITL Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled S RW CH6LIMITH Write '1' to Enable interrupt for CH[6].LIMITH event See EVENTS_CH[6].LIMITH Set 1 Enable Disabled 0 Read: Disabled 4430_161 v1.0 348 |