| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 190 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 190 Page - Nordic Semiconductor |
|
190 / 437 page ![]() Peripherals 6.12.15.8 TASKS_BCSTART Address offset: 0x01C Start the bit counter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_BCSTART Start the bit counter Trigger 1 Trigger task 6.12.15.9 TASKS_BCSTOP Address offset: 0x020 Stop the bit counter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_BCSTOP Stop the bit counter Trigger 1 Trigger task 6.12.15.10 TASKS_EDSTART Address offset: 0x024 Start the energy detect measurement used in IEEE 802.15.4 mode Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_EDSTART Start the energy detect measurement used in IEEE 802.15.4 mode Trigger 1 Trigger task 6.12.15.11 TASKS_EDSTOP Address offset: 0x028 Stop the energy detect measurement Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_EDSTOP Stop the energy detect measurement Trigger 1 Trigger task 4463_156 v1.0 190 |