| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 194 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 194 Page - Nordic Semiconductor |
|
194 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_BCMATCH Bit counter reached bit count value Bit counter value is specified in the RADIO.BCC register NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.23 EVENTS_CRCOK Address offset: 0x130 Packet received with CRC ok Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CRCOK Packet received with CRC ok NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.24 EVENTS_CRCERROR Address offset: 0x134 Packet received with CRC error Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CRCERROR Packet received with CRC error NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.25 EVENTS_FRAMESTART Address offset: 0x138 IEEE 802.15.4 length field received Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_FRAMESTART IEEE 802.15.4 length field received NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.26 EVENTS_EDEND Address offset: 0x13C 4463_156 v1.0 194 |