| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 199 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 199 Page - Nordic Semiconductor |
|
199 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID U T S R Q P O N M L K H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Disabled 0 Disable shortcut Enabled 1 Enable shortcut K RW RXREADY_CCASTART Shortcut between event RXREADY and task CCASTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut L RW CCAIDLE_TXEN Shortcut between event CCAIDLE and task TXEN Disabled 0 Disable shortcut Enabled 1 Enable shortcut M RW CCABUSY_DISABLE Shortcut between event CCABUSY and task DISABLE Disabled 0 Disable shortcut Enabled 1 Enable shortcut N RW FRAMESTART_BCSTART Shortcut between event FRAMESTART and task BCSTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut O RW READY_EDSTART Shortcut between event READY and task EDSTART Disabled 0 Disable shortcut Enabled 1 Enable shortcut P RW EDEND_DISABLE Shortcut between event EDEND and task DISABLE Disabled 0 Disable shortcut Enabled 1 Enable shortcut Q RW CCAIDLE_STOP Shortcut between event CCAIDLE and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut R RW TXREADY_START Shortcut between event TXREADY and task START Disabled 0 Disable shortcut Enabled 1 Enable shortcut S RW RXREADY_START Shortcut between event RXREADY and task START Disabled 0 Disable shortcut Enabled 1 Enable shortcut T RW PHYEND_DISABLE Shortcut between event PHYEND and task DISABLE Disabled 0 Disable shortcut Enabled 1 Enable shortcut U RW PHYEND_START Shortcut between event PHYEND and task START Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.12.15.39 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z Y V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY Write '1' to enable interrupt for event READY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4463_156 v1.0 199 |