| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 196 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 196 Page - Nordic Semiconductor |
|
196 / 437 page ![]() Peripherals 6.12.15.30 EVENTS_CCASTOPPED Address offset: 0x14C The CCA has stopped Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CCASTOPPED The CCA has stopped NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.31 EVENTS_RATEBOOST Address offset: 0x150 Ble_LR CI field received, receive mode is changed from Ble_LR125Kbit to Ble_LR500Kbit. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_RATEBOOST Ble_LR CI field received, receive mode is changed from Ble_LR125Kbit to Ble_LR500Kbit. NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.32 EVENTS_TXREADY Address offset: 0x154 RADIO has ramped up and is ready to be started TX path Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_TXREADY RADIO has ramped up and is ready to be started TX path NotGenerated 0 Event not generated Generated 1 Event generated 6.12.15.33 EVENTS_RXREADY Address offset: 0x158 RADIO has ramped up and is ready to be started RX path 4463_156 v1.0 196 |