| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 257 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 257 Page - Nordic Semiconductor |
|
257 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_STARTED Transaction started NotGenerated 0 Event not generated Generated 1 Event generated 6.16.5.10 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END_START Shortcut between event END and task START Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.16.5.11 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STOPPED Write '1' to enable interrupt for event STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDRX Write '1' to enable interrupt for event ENDRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW ENDTX Write '1' to enable interrupt for event ENDTX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW STARTED Write '1' to enable interrupt for event STARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4463_156 v1.0 257 |