| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 259 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 259 Page - Nordic Semiconductor |
|
259 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.16.5.15 PSEL.MOSI Address offset: 0x50C Pin select for MOSI signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.16.5.16 PSEL.MISO Address offset: 0x510 Pin select for MISO signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.16.5.17 FREQUENCY Address offset: 0x524 SPI frequency. Accuracy depends on the HFCLK source selected. 4463_156 v1.0 259 |