| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 290 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 290 Page - Nordic Semiconductor |
|
290 / 437 page ![]() Peripherals 1 2 4 ADDR A M-1 M B 3 5 Figure 109: The TWI master reading data from a slave 6.20.6 Master repeated start sequence A typical repeated start sequence is one in which the TWI master writes one byte to the slave followed by reading M bytes from the slave. Any combination and number of transmit and receive sequences can be combined in this fashion. Only one shortcut to STOP can be enabled at any given time. The following figure shows a repeated start sequence where the TWI master writes one byte, followed by reading M bytes from the slave without performing a stop in-between. 1 4 2 ADDR 0 A M-1 M 3 5 ADDR Figure 110: Repeated start sequence illustration 4463_156 v1.0 290 |