| データシートサーチシステム |
|
NRF52820-QDAA-R データシート(PDF) 294 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R データシート(HTML) 294 Page - Nordic Semiconductor |
|
294 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ERROR TWI error NotGenerated 0 Event not generated Generated 1 Event generated 6.20.8.10 EVENTS_BB Address offset: 0x138 TWI byte boundary, generated before each byte that is sent or received Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_BB TWI byte boundary, generated before each byte that is sent or received NotGenerated 0 Event not generated Generated 1 Event generated 6.20.8.11 EVENTS_SUSPENDED Address offset: 0x148 TWI entered the suspended state Generated just after ACK bit has been transferred in a read transaction, and only if SUSPEND has been requested earlier. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_SUSPENDED TWI entered the suspended state Generated just after ACK bit has been transferred in a read transaction, and only if SUSPEND has been requested earlier. NotGenerated 0 Event not generated Generated 1 Event generated 6.20.8.12 SHORTS Address offset: 0x200 Shortcuts between local events and tasks 4463_156 v1.0 294 |